PART |
Description |
Maker |
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
2SK117 E001317 |
From old datasheet system LOW NOISE AUDIO AMPLIFIER APPLICATONS N CHANNEL JUNCTIONS TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
|
Toshiba Semiconductor
|
EL5134 EL5135 EL5235IS-T7 EL5235IS-T13 EL5235IS EL |
Single, 630MHz Low Noise Amplifier with Enable Dual, 630MHz, Low Noise Amplifier with Enable From old datasheet system 630MHz Gain of 5 Low Noise Amplifiers 630MHz, Gain of 5, Low Noise Amplifiers
|
INTERSIL[Intersil Corporation]
|
OP-470GP OP-470GS OP-470ATC_883 OP-470 OP-470ARC_8 |
VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER 极低噪声四运算放大器 VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER QUAD OP-AMP, 600 uV OFFSET-MAX, 6 MHz BAND WIDTH, CQCC28
|
Analog Devices, Inc. AD[Analog Devices]
|
IDT70914S25PI IDT70914S25PB IDT70914S25P 70914_DS_ |
Low-Noise JFET-Input Operational Amplifier 14-PDIP 0 to 70 高6KK的9)同步双端口RAM High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 4K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 4K X 9 MULTI-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 20-LCCC -55 to 125 HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MAAM12021 MAAM12021RTR MAAM12021SMB MAAM12021TR |
1.5-1.6 GHz, low noise amplifier Low Noise Amplifier 1.5 - 1.6 GHz GT 35C 7#12,28#16 SKT RECP
|
MA-Com MACOM[Tyco Electronics]
|
2SK30ATM E001523 |
From old datasheet system LOW NOISE PRE-AMPLIFIER, TONE CONTROL AMPLIFIER AND DC-DC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS N CHANNEL JUNCTION TYPE (LOW NOISE PRE-AMPLIFIER, TONE CONTROL AMPLIFIER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)
|
Toshiba Corporation Toshiba Semiconductor
|
5962R9569001VXC 5962R9569001V9A HS1-5104ARH/PROTO |
Op Amp, Quad 8MHz, Low Noise, Slew Rate 2V/s, Rad-Hard Radiation Hardened Low Noise Quad Operational Amplifier
|
http:// Intersil Corporation
|
INA-12063 INA-12063-TR1 INA-12063-BLK |
1500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 1.5 GHz的低噪声自偏置晶体管放大 1.5 GHz Low Noise Self-Biased Transistor Amplifier
|
http://
|
ZRL-2150 |
IC FLASH 8MX16 90NS TSOP 85 LOW NOISE AMPLIFIER 50з 950 to 2150 MHz LOW NOISE AMPLIFIER 50 950 to 2150 MHz
|
MINI[Mini-Circuits]
|